PART |
Description |
Maker |
C106M-600V |
Thyristors logic level
|
Tiger Electronic Co.,Ltd
|
BT168GW_3 BT168GW |
Thyristors logic level for RCD/GFI/LCCB applications From old datasheet system
|
Philips
|
BT150M-600R BT150S-600R BT150S-800R BT150M BT150M- |
Transient Voltage Suppressor Diodes CAPACITOR .39UF UV BOX TYPE Thyristors logic level
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
MAC15-4FP MAC15A6FP MAC15A4FP MAC15A8FP MAC15-10FP |
ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS 800 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc]
|
BUK9614-55A BUK9514-55A |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 160V; Case Size: 35x25 mm; Packaging: Bulk TrenchMOS logic level FET TrenchMOS TM logic level FET TrenchMOS(tm) logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BT136-500D BT136-600D BT136SERIESD |
Triacs logic level 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V. Philips Semiconductors
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT258-500R BT258-800R BT258-600R |
Thyristors logic level
|
NXP Semiconductors
|